Part Number Hot Search : 
BD911 87121RB 2SJ389L 1N4004G WR1210 291PGLF BD140 T138A
Product Description
Full Text Search
 

To Download BSH106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
FEATURES
* Very low threshold voltage * Fast switching * Logic level compatible * Subminiature surface mount package
BSH106
SYMBOL
d
QUICK REFERENCE DATA
VDS = 20 V ID = 1.05 A
g
RDS(ON) 250 m (VGS = 2.5 V) VGS(TO) 0.4 V
s
GENERAL DESCRIPTION
N-channel, enhancement mode, logic level, field-effect power transistor. This device has very low threshold voltage and extremely fast switching making it ideal for battery powered applications and high speed digital interfacing. The BSH106 is supplied in the SOT363 subminiature surface mounting package.
PINNING
PIN 1,2,5,6 drain 3 4 gate source DESCRIPTION
SOT363
6 5 4 Top view
1
2
3
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID IDM Ptot Tstg, Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage & operating temperature CONDITIONS RGS = 20 k Ta = 25 C Ta = 100 C Ta = 25 C Ta = 25 C Ta = 100 C MIN. - 55 MAX. 20 20 8 1.05 0.67 4.2 0.417 0.17 150 UNIT V V V A A A W W C
THERMAL RESISTANCES
SYMBOL Rth j-a PARAMETER Thermal resistance junction to ambient CONDITIONS FR4 board, minimum footprint TYP. 300 MAX. UNIT K/W
August 1998
1
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
ELECTRICAL CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL PARAMETER V(BR)DSS VGS(TO) RDS(ON) Drain-source breakdown voltage Gate threshold voltage Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 10 A VDS = VGS; ID = 1 mA Tj = 150C VGS = 4.5 V; ID = 0.6 A VGS = 2.5 V; ID = 0.6 A VGS = 1.8 V; ID = 0.3 A VGS = 2.5 V; ID = 0.6 A; Tj = 150C Forward transconductance VDS = 16 V; ID = 0.6 A Gate source leakage current VGS = 8 V; VDS = 0 V Zero gate voltage drain VDS = 16 V; VGS = 0 V; current Tj = 150C Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Input capacitance Output capacitance Feedback capacitance ID = 1 A; VDD = 20 V; VGS = 4.5 V MIN. 20 0.4 0.1 0.5 -
BSH106
TYP. MAX. UNIT 0.57 140 180 240 270 1.6 10 50 1.3 3.9 0.4 1.4 2 4.5 45 20 152 71 33 200 250 300 375 100 100 10 V V V m m m m S nA nA A nC nC nC ns ns ns ns pF pF pF
gfs IGSS IDSS Qg(tot) Qgs Qgd td on tr td off tf Ciss Coss Crss
VDD = 20 V; ID = 1 A; VGS = 8 V; RG = 6 Resistive load VGS = 0 V; VDS = 16 V; f = 1 MHz
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS Ta = 25 C IF = 0.5 A; VGS = 0 V IF = 0.5 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 16 V MIN. TYP. 0.74 27 19 MAX. 1.05 4.2 1 UNIT A A V ns nC
August 1998
2
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
BSH106
Normalised Power Dissipation, PD (%)
120 100 100 80 60 40 1 20 10 1000
Peak Pulsed Drain Current, IDM (A)
BSH105
D = 0.5 0.2 0.1 0.05 0.02 single pulse T P D tp D = tp/T
0 0 25 50 75 100 125 150 Ambient Temperature, Ta (C)
0.1 1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00 1E+01
Pulse width, tp (s)
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Ta)
Fig.4. Transient thermal impedance. Zth j-a = f(t); parameter D = tp/T
Normalised Drain Current, ID (%)
120 100 80 60 40 20 0 0 25 50 75 100 125 150 Ambient Temperature, Ta (C) 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0
Drain Current, ID (A) 4.5V 2.5V Tj = 25 C
BSH105
2.1 V VGS = 1.9 V 1.7 V 1.5 V 1.3 V 1.1 V
0
0.5 1 1.5 Drain-Source Voltage, VDS (V)
2
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Ta); conditions: VGS 4.5 V
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
Drain-Source On Resistance, RDS(on) (Ohms) 100 Peak Pulsed Drain Current, IDM (A) BSH105 0.5 0.45 0.4 10 RDS(on) = VDS/ ID tp = 100 us 1 1 ms 10 ms 0.1 100 ms d.c. 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0.01 0.1 1 10 Drain-Source Voltage, VDS (V) 100 0 0 0.5 1 1.5 2 2.5 3 Drain Current, ID (A) 3.5 4 Tj = 25 C 2.5 V 1.5 V 1.7 V 1.9 V 2.1 V
BSH105
VGS = 4.5 V
4.5
5
Fig.3. Safe operating area. Ta = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
August 1998
3
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
BSH106
Drain Current, ID (A) 3 2.5 2 1.5 1 0.5 0 0 0.5 1 1.5 2 Gate-Source Voltage, VGS (V) 2.5 VDS > ID X RDS(on)
BSH105 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
Threshold Voltage, VGS(to), (V)
typical
minimum
150 C
Tj = 25 C
0 3
25
50
75
100
125
150
Junction Temperature, Tj (C)
Fig.7. Typical transfer characteristics. ID = f(VGS)
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Drain Current, ID (A) Transconductance, gfs (S) 4 3.5 3 2.5 2 1.5 1 0.5 0 0 0.5 1 1.5 2 2.5 3 1E-07 0 0.2 0.4 0.6 0.8 Gate-Source Voltage, VGS (V) Drain Current, ID (A) 1E-04 1E-05 1E-06 1E-01 1E-02 1E-03 BSH105 1E+00 VDS = 5 V Tj = 25 C
BSH105
1
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID)
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C
Normalised Drain-Source On Resistance
1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0 RDS(ON) @ Tj RDS(ON) @ 25C 2.5 V VGS = 4.5 V 1.8 V
Capacitances, Ciss, Coss, Crss (pF) 1000
BSH105
Ciss 100 Coss Crss
25
50
75
100
125
150
10 0.1 1 10 Drain-Source Voltage, VDS (V) 100
Junction Temperature, Tj (C)
Fig.9. Normalised drain-source on-state resistance. RDS(ON)/RDS(ON)25 C = f(Tj)
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
August 1998
4
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
BSH106
Gate-source voltage, VGS (V) 10 9 8 7 6 5 4 3 2 1 0 0 2 4 Gate charge, QG (nC) 6 VDD = 20 V RD = 20 Ohms Tj = 25 C
BSH105 -5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 8
Source-Drain Diode Current, IF (A)
BSH105
150 C Tj = 25 C
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
Drain-Source Voltage, VSDS (V)
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG)
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
August 1998
5
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
MECHANICAL DATA
Plastic surface mounted package; 6 leads SOT363
BSH106
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC EIAJ SC-88
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
Fig.15. SOT363 surface mounting package.
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8".
August 1998
6
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode MOS transistor
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BSH106
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1998
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BSH106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X